Part Number Hot Search : 
20010 A102M TXN625 ON0546 1233M HRW0202B 68050 TS901
Product Description
Full Text Search
 

To Download THV1023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THV1023-Rev0.06W
Preliminary
THV1023
2ch Buck Controller
General Description
THine's new 2ch Buck controller enables simple & low cost multi-channel power supply system design.
Both of the Ch-1 and Ch-2 have standard PWM controller function and are designed to make phase compensation
Features
*TSSOP 16Pin package *Input Voltage range : 4.2 to 24.0V *Push Pull output for direct Power Mos driving *Optimized for Ceramic output capacitor *Complete PWM mode controller *Adjustable switching frequency 200kH to 1MHz
easy for output ceramic capacitors. SS_1,2 and SCP pins help to design user defined soft start time, and timer latch delay time. Utilizing those pins and P_GOOD2 the ensured sequence control can be easily set and linked to the external circuit.
This IC is suitable for power supply system for TV/monitor set, and general equipment.
by external resister
*Timer Latch Protection *SystemUVLO Function *Adjustable Soft Start time by external capacitor *Adjustable Timer Latch Delay time
by external capacitor
*Ch-1 and Ch-2 are fixed Buck controller
in a
ry
Pin Assignment Applications
*TFT LCD Bias power supply *TV/monitor set *General equipment
lim
TSSOP 16P
1 2 3 4 5 6 7 8 VREF SGND SS_1 INV_1 FB_1 VCC SYSUVLO OUT_1 RT SCP SS_2 INV_2 FB_2 OUT_2 P_GOOD2 PGND 16 15 14 13 12 11 10 9
P re
THine Electronics, Inc.


▲Up To Search▲   

 
Price & Availability of THV1023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X